Part Number Hot Search : 
1N475 10434 KDV240E AM29861 HFET2MI SMCJ110 D1835 IRFR5505
Product Description
Full Text Search
 

To Download 2N4401G-T92-K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 2N4401
NPN GENERAL PURPOSE AMPLIFIER
DESCRIPTION
The UTC 2N4401 is designed for use as a medium power amplifier and switch requiring collector currents up to 500mA.
NPN SILICON TRANSISTOR
Lead-free: 2N4401L Halogen-free:2N4401G
ORDERING INFORMATION
Normal 2N4401-T92-B 2N4401-T92-K Order Number Lead Free 2N4401L-T92-B 2N4401L-T92-K Halogen Free 2N4401G-T92-B 2N4401G-T92-K Package TO-92 TO-92 Pin Assignment 1 2 3 E B C E B C Packing Tape Box Bulk
www.unisonic.com.tw Copyright (c) 2009 Unisonic Technologies Co., Ltd
1 of 6
QW-R201-052.C
2N4401
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Power Dissipation SYMBOL VCBO VCEO VEBO IC PD
NPN SILICON TRANSISTOR
RATINGS 60 40 6 600 625 UNIT V V V mA mW
ABSOLUTE MAXIMUM RATING (Ta=25C, unless otherwise specified)
Derate above 25C 5.0 mW/C Junction Temperature TJ +150 C Storage Temperature TSTG -40 ~ +150 C Notes: 1. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations. 2. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA (Ta=25C, unless otherwise specified)
CHARACTERISTIC Junction to Ambient Junction to Case SYMBOL JA JC RATING 200 83.3 TYP UNIT C/W C/W MAX UNIT V V V A A
ELECTRICAL CHARACTERISTICS (Ta=25C, unless otherwise specified)
PARAMETER SYMBOL TEST CONDITIONS MIN OFF CHARACTERISTICS Collector-Base Breakdown Voltage BVCBO IC=0.1mA, IE=0 60 Collector-Emitter Breakdown Voltage (note) BVCEO IC=1mA, IB=0 40 Emitter-Base Breakdown Voltage BVEBO IE=0.1mA, IC=0 6 Collector Cut-off Current ICEX VCE=35V, VEB=0.4V Base Cut-off Current IBL VCE=35V, VEB=0.4V ON CHARACTERISTICS (note) hFE1 VCE=1V, IC=0.1mA 20 hFE2 VCE=1V, IC=1mA 40 hFE3 VCE=1V, IC=10mA 80 DC Current Gain hFE4 VCE=1V, IC=150mA 100 hFE5 VCE=2V, IC=500mA 40 VCE(SAT1) IC=150mA, IB=15mA Collector-Emitter Saturation Voltage VCE(SAT2) IC=500mA, IB=50mA VBE(SAT1) IC=150mA, IB=15mA 0.75 Base-Emitter Saturation Voltage VBE(SAT2) IC=500mA, IB=50mA SMALL SIGNAL CHARACTERISTICS1 Current Gain Bandwidth Product fT VCE=10V, IC=20mA, f=100MHz 250 Collector-Base Capacitance Ccb VCB=5V, IE=0, f=140kHz Emitter-Base Capacitance Ceb VBE=0.5V, IC=0, f=140kHz Input Impedance hie VCE=10V, IC=1mA, f=1kHz 1 Voltage Feedback Ratio hre VCE=10V, IC=1mA, f=1kHz 0.1 Small-Signal Current Gain hfe VCE=10V, IC=1mA, f=1kHz 40 Output Admittance hoe VCE=10V, IC=1mA, f=1kHz 1 SWITCHING CHARACTERISTICS VCC=30V, VEB=2V Delay Time tD IC=150mA IB1=15mA VCC=30V, VEB=2V Rise Time tR IC=150mA IB1=15mA Storage Time tS VCC=30V, IC=150mA Fall Time tF IB1= IB2=15mA Note: Pulse test: PulseWidth300s, Duty Cycle2%
300 0.4 0.75 0.95 1.2 V V V V MHz pF pF k x10-4 mhos ns ns ns ns
6.5 30 15 8 500 30 15 20 225 30
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 6
QW-R201-052.C
2N4401
TEST CIRCUITS
30V 200 16V 0
220ns
NPN SILICON TRANSISTOR
1K 500
Figure1. Saturated Turn-On Switching Timer
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 6
QW-R201-052.C
2N4401
TYPICAL CHARACTERISTICS
Typical Pulsed Current Gain vs Collector Current VCE =5V 400 300 200 100 125
NPN SILICON TRANSISTOR
Typical Pulsed Current Gain, hFE
500
Collector-Emitter Voltage, VCESAT (V)
Collector-Emitter Saturation Voltage vs Collector Current 0.4 =10 125 0.2 25 0.1 -40 1 10 100 Collector Current, IC (mA) 500
0.3
25 -40
0 0.1 0.3 1 3 10 30 100 300 Collector Current, IC (mA)
Base-Emitter OnVoltage, VBEON (V) 500 100 10 1 0.1 Collector-Cutoff Current vs Ambient Temperature VCB=40V 20 16 Cte 12 8 4 25 50 75 100 125 150 Ambient Temperature, TA() 0.1 1 10 Reverse Bias Voltage (V) 100 Cob Emitter Transition and Output Capacitance vs Reverse Bias Voltage f=1MHz
Base-Emitter Voltage, VBESAT (V)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 6
QW-R201-052.C
2N4401
TYPICAL CHARACTERISTICS(Cont.)
Turn On and Turn Off Times vs Collector Current IC IB1=IB2= 10 VCC =25V Time (ns) 240 160 80 ton 0 10 100 1000 Collector Current, IC (mA) 0 10 toff Time (ns) 240 160 80 tD
NPN SILICON TRANSISTOR
400 320
400 320
Switching Times vs Collector Current IB1=IB2= VCC =25V tS tR IC 10
tF
100 1000 Collector Current, IC (mA)
Char.Relative To Voltage at TA=25
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
Char.Relative To Voltage at VCE=10V
Char.Relative To Voltage at IC=10mA
Power Dissipation, PD (W)
5 of 6
QW-R201-052.C
2N4401
NPN SILICON TRANSISTOR
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
6 of 6
QW-R201-052.C


▲Up To Search▲   

 
Price & Availability of 2N4401G-T92-K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X